PART |
Description |
Maker |
M80-8790242 M80-8540842 M80-8540845 M80-8790405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, gold, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc http://
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-6661022 M80-6661042 M80-6661045 M80-6661222 M8 |
DATAMATE L-TEK MALE DIL HORIZONTAL SMT ASSEMBLY
|
Harwin Plc
|
M80-5L10542MD |
DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
|
Harwin Plc
|
M80-5100422 M80-5105042 M80-5105005 M80-5100405 M8 |
JACKSCREW DATAMATE DIL VERTICAL PC TAIL MALE ASSEMBLY (BOARD MOUNT) Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
M80-5L15005MC M80-5L10442MC M80-5L15022MC M80-5L10 |
DATAMATE J-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-5T10642B1 M80-5T12042B1 M80-5T12642B1 M80-5T11 |
DATAMATE J-TEK DIL VERTICAL 2.7mm PC-TAIL MALE ASSY WITH METAL BACKSHELL
|
Harwin Plc
|
M80-8280622P M80-8280842P M80-8281442P M80-8271822 |
Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way, pick & place cap 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin, 4 4-way, pick & place cap 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin, 7 7-way, pick & place cap 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, friction latched, selective gold tin/lead, 9 9-way, pick & place cap 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M80-5601046 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5S22622M3-00-000-00-000 M80-5S22822M3-00-000-0 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, vertical jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, vertical jackscrews 5mm board mount, 14 14-way 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, vertical jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, vertical jackscrews 5mm board mount, 14 14-way 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, vertical jackscrews 5mm board mount, 19 19-way 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, vertical jackscrews 5mm board mount, 15 15-way 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, vertical jackscrews 5mm board mount, 15 15-way 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, vertical jackscrews 5mm board mount, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, with vertical jackscrews 5mm board mount, 4 4-way 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-5132022 M80-5131222 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
SR206 SR202 SR203 SR204 |
Datamate Trio-Tek DIL Female Housing, with Reverse Fix jackscrews, 5 5-way 2 Amp Schottky Barrier Rectifier 20 - 60 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
|